PART |
Description |
Maker |
GMR30H150CTPF3T GMR30H150C GMR30H150CTA3R GMR30H15 |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIE
|
GAMMA[Gamma Microelectronics Inc.]
|
MJE585006 MJE5850G MJE5852G MJE5850 MJE5851 MJE585 |
8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS 8 A, 300 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
ONSEMI[ON Semiconductor]
|
MUR1660CT MUR1640CT MUR1630CT |
16 Amp Super Fast Glass Pass ivated Rectifier 300 to 600 Volts 16 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Micro Commercial Components, Corp. Micro Commercial Components Corp.
|
SL24T1G |
300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections 300 W, UNIDIRECTIONAL, SILICON, TVS DIODE, TO-236
|
ON Semiconductor
|
R6221630 R6220830 R6221230 R6221030 R6220430 R6220 |
Fast Recovery Rectifier (300 Amperes Average 1600 Volts) 300 A, 1200 V, SILICON, RECTIFIER DIODE
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
1N3161 1N3161R 1N3162 1N3162R 1N3163 1N3163R 1N316 |
Standard Rectifier (trr more than 500ns) SILICON POWER RECTIFIER 240 A, 1000 V, SILICON, RECTIFIER DIODE, DO-205AB SILICON POWER RECTIFIER 300 A, 1000 V, SILICON, RECTIFIER DIODE, DO-205AB SILICON POWER RECTIFIER 240 A, 300 V, SILICON, RECTIFIER DIODE, DO-205AB SILICON POWER RECTIFIER 240 A, 800 V, SILICON, RECTIFIER DIODE, DO-205AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
BYT230PI-300 |
30 A, 300 V, SILICON, RECTIFIER DIODE
|
ST Microelectronics
|
SF15-T3 |
1 A, 300 V, SILICON, SIGNAL DIODE, DO-41
|
SENSITRON SEMICONDUCTOR
|
RDM30016 |
300 A, 1600 V, SILICON, RECTIFIER DIODE
|
MICROSEMI CORP-SCOTTSDALE
|
ER1003-G |
10 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AC
|
SENSITRON SEMICONDUCTOR
|
ER1003 |
10 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AC
|
SENSITRON SEMICONDUCTOR
|
|